Part Number Hot Search : 
10640 40680 10A20 ATA8742 835LG HD880 M52749FP 222AU
Product Description
Full Text Search
 

To Download 1050481001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
1050481001 Active
2.54mm (.100") SIM Card Connector, 6 Circuits, SMT, with Guide Rail, Housing Height 1.45mm (.057"), Lead Free
Documents: Drawing (PDF) Product Specification PS-105048-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Button Type Component Type Product Name Type Memory Card Sockets 105048 N/A Card Holder (Host) SIM N/A
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Card Detection Switch Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Temperature Range - Operating Termination Interface: Style No 6 6 Black 5,000 No Ejector Button Present Horizontal Yes Stainless Steel Gold Gold High Temperature Thermoplastic No Normal Yes Embossed Tape on Reel 0.100 In 2.54 mm 0.100 In 2.54 mm 15 0.38 3 0.076 1 -40C to +85C Surface Mount
Search Parts in this Series 105048Series Mates With Standard SIM Card
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 0.5A Yes 5V DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-105048-001 SD-105048-101
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 1050481001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X